Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 68 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 68 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 64Page - PMC-Sierra, Inc PM9313 Datasheet HTML 65Page - PMC-Sierra, Inc PM9313 Datasheet HTML 66Page - PMC-Sierra, Inc PM9313 Datasheet HTML 67Page - PMC-Sierra, Inc PM9313 Datasheet HTML 68Page - PMC-Sierra, Inc PM9313 Datasheet HTML 69Page - PMC-Sierra, Inc PM9313 Datasheet HTML 70Page - PMC-Sierra, Inc PM9313 Datasheet HTML 71Page - PMC-Sierra, Inc PM9313 Datasheet HTML 72Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 343 page
background image
64
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PMC-Sierra, Inc.
which will be several cell times after the linecard has sent the Suggested_TDM_sync to
the ETT1 port.
If the Scheduler does not see an incoming Suggested_TDM_sync signal for three TDM_periods then it will
issue an interrupt indicating that the sync source has failed. However it will continue to operate with the
current values of frequency and phase.
1.6
ETT1 USAGE OF THE LCS PROTOCOL
This section provides details of how the LCS header is used in an ETT1 system. Further information on the
operation of the LCS protocol is in the “LCS Protocol Specification -- Protocol Version 2”, available from
PMC-Sierra, Inc.
1.6.1
LCS Protocol Prepend
LCS segments are 72 or 84 bytes in length. The line to switch format is shown in Table 3, while Table 5
shows the field definitions of this format. Likewise, Tables 3 and 4 show the switch to line format and field
definitions, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com