Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 95 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 95 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 91Page - PMC-Sierra, Inc PM9313 Datasheet HTML 92Page - PMC-Sierra, Inc PM9313 Datasheet HTML 93Page - PMC-Sierra, Inc PM9313 Datasheet HTML 94Page - PMC-Sierra, Inc PM9313 Datasheet HTML 95Page - PMC-Sierra, Inc PM9313 Datasheet HTML 96Page - PMC-Sierra, Inc PM9313 Datasheet HTML 97Page - PMC-Sierra, Inc PM9313 Datasheet HTML 98Page - PMC-Sierra, Inc PM9313 Datasheet HTML 99Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
91
PMC-Sierra, Inc.
•
Initialize the OOB satellite FPGA
•
Reset Crossbar
•
Enable PLLs on Crossbar (turn off PLL reset)
•
Set interrupt masks (disable all except ready up)
If neighboring Port cards are present and this is a Flow Control Crossbar:
•
Reset EPP AIB and Flow Control Crossbar AIB (for all ports present)
•
Enable EPP AIB and Flow Control Crossbar AIB (for all ports present)
•
Release reset on EPP AIB and Flow Control Crossbar AIB (for all ports present)
If neighboring Port cards are present and this is a data Crossbar:
•
Reset DS AIB and Crossbar AIB (for all ports present)
•
Enable DS AIB and Crossbar AIB (for all ports present)
•
Release reset on DS AIB and Crossbar AIB (for all ports present)
These sequences should complete with only the "ready up" interrupts enabled. When these interrupts
occur (which may be during later parts of the above sequences) then perform the following:
When Crossbar AIB ready up:
•
Inform local processes that the Crossbar is operational
•
Enable all interrupts on Crossbar
1.9
FAULT TOLERANCE
A ETT1 fabric can optionally be configured with redundant elements. When the ETT1 system contains
redundant Schedulers and Crossbars, it is capable of sustaining certain faults and yet not lose or corrupt
any of the cells within the fabric.
1.9.1
Fault Tolerance Model
The fault tolerance model assumes that any failure within a redundant element will manifest itself as a link
error, and thus will be observable by the local CPU. The redundant elements are the Scheduler and
Crossbar which are connected via AIB links to the Enhanced Port Processor and Dataslice, as shown in
Figure 39. These AIB links are protected by a CRC such that a failure in a device will likely result in a CRC
error, which can be detected by the local CPU through interrupts. Furthermore, even if a CRC error is not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com