Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 59 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 59 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 55Page - PMC-Sierra, Inc PM9313 Datasheet HTML 56Page - PMC-Sierra, Inc PM9313 Datasheet HTML 57Page - PMC-Sierra, Inc PM9313 Datasheet HTML 58Page - PMC-Sierra, Inc PM9313 Datasheet HTML 59Page - PMC-Sierra, Inc PM9313 Datasheet HTML 60Page - PMC-Sierra, Inc PM9313 Datasheet HTML 61Page - PMC-Sierra, Inc PM9313 Datasheet HTML 62Page - PMC-Sierra, Inc PM9313 Datasheet HTML 63Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
55
PMC-Sierra, Inc.
Figure 26. The Queueing Structure
Figure 26 also highlights some important points with respect to the TDM service:
•
The linecard may also require a TDM ingress and egress queue. Unless the arrival of TDM cells at
the linecard is synchronized with the start of the TDM Frame, the linecard will need to buffer those
cells until the appropriate time.
•
There is no backpressure from the ETT1 egress TDM queue. Backpressure is not meaningful for a
TDM service within the ETT1 core. The egress linecard must accept TDM cells that are sent to it
(or else discard them).
•
The normal LCS credit mechanism is used for ingress TDM cells.
1.5.2
TDM Reservation Tables
The TDM service operates by enabling ports to reserve bandwidth through the ETT1 crossbar at specific
times. Each port has two logically separate tables; one for sending and one for receiving TDM cells. The
Send and Receive tables are physically implemented in a single table called the TDM table. This TDM
table has 1,024 entries, although fewer entries can be used if the Frame length is less than 1024. Each
entry is of the form shown in Table 2.
Table 2.
TDM Reservation Table
Field
Size (bits)
Meaning
Input VLD
1
1 if the input side TDM entry is valid
Input Tag
10
Tag for incoming cells (TDM flow ID)
Linecard
Ingress
ETT1 port
Ingress
ETT1 port
Linecard
Egress
LCS credits
ETT1 Core
queues
TDM
Egress
queue
TDM
TDM
queue
TDM
queue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com