Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 93 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 93 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 89Page - PMC-Sierra, Inc PM9313 Datasheet HTML 90Page - PMC-Sierra, Inc PM9313 Datasheet HTML 91Page - PMC-Sierra, Inc PM9313 Datasheet HTML 92Page - PMC-Sierra, Inc PM9313 Datasheet HTML 93Page - PMC-Sierra, Inc PM9313 Datasheet HTML 94Page - PMC-Sierra, Inc PM9313 Datasheet HTML 95Page - PMC-Sierra, Inc PM9313 Datasheet HTML 96Page - PMC-Sierra, Inc PM9313 Datasheet HTML 97Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
89
PMC-Sierra, Inc.
•
Enable EPP AIB and Flow Control Crossbar AIB
•
Release reset on EPP AIB and Flow Control Crossbar AIB
If neighboring Scheduler cards are present:
•
Reset EPP AIB and Scheduler AIB
•
Enable EPP AIB and Scheduler AIB
•
Release reset on EPP AIB and Scheduler AIB
•
Restore the Scheduler Control register CRC Action bit if it was set before initializing this Port
Board.
These sequences should complete with only the "ready up" interrupts enabled. When these interrupts
occur (which may be during later parts of the above sequences) then perform the following:
When DS AIB ready up:
•
Inform local processes that the DS is operational
•
Enable all interrupts on DS, except for Transceiver Comma Detect and 8b10b Decoder Comma
Detect which are set every time an idle is received.
When EPP AIB ready up for at least one Scheduler and at least one set of Flow Control Crossbars:
•
Inform local processes that the EPP is operational
•
Enable all interrupts on EPP
•
Set Fault Tolerance Control
•
Enable Port Processor
•
Define 1-in-N Idle Count value
•
Take EPP out of LCS Stop mode
1.8.3
Scheduler Board being added:
•
Wait for voltage ramp-up
•
Suggested:
•
Initialize the OOB satellite FPGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com