Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 96 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 96 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 92Page - PMC-Sierra, Inc PM9313 Datasheet HTML 93Page - PMC-Sierra, Inc PM9313 Datasheet HTML 94Page - PMC-Sierra, Inc PM9313 Datasheet HTML 95Page - PMC-Sierra, Inc PM9313 Datasheet HTML 96Page - PMC-Sierra, Inc PM9313 Datasheet HTML 97Page - PMC-Sierra, Inc PM9313 Datasheet HTML 98Page - PMC-Sierra, Inc PM9313 Datasheet HTML 99Page - PMC-Sierra, Inc PM9313 Datasheet HTML 100Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 343 page
background image
92
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PMC-Sierra, Inc.
generated, the Enhanced Port Processor and Dataslice will detect any difference in the information
received from the two, supposedly identical elements and will act as though an error had occurred.
Figure 39. Redundant Connections
In this section, we consider two types of errors that may occur: soft errors and hard errors. Soft errors are
transient errors that do not require replacement of any of the boards. Hard errors are caused by a device
failure resulting in a defective board which should be replaced. On the AIB links a soft error would appear
as a transient CRC error; a hard error would be indicated by the link ready signal going inactive (see
Section 1.10.3 “AIB Links (A)” on page 103).
The significance of this fault model is that all faults associated with redundant elements will appear as a
link error of some form. So the fault detection and recovery procedures for any ETT1 fabric can be
Dataslice
Port
EPP
Dataslice
Port
EPP
Scheduler 0
Crossbar 0
Crossbar 1
Scheduler 1
Fault tolerant region
Flow Control
Flow Control
Crossbar 0
Crossbar 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com