Electronic Components Datasheet Search
  English  ▼

X  

PM9313 Datasheet(PDF) 37 Page - PMC-Sierra, Inc

Part # PM9313
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9313 Datasheet(HTML) 37 Page - PMC-Sierra, Inc

Back Button PM9313 Datasheet HTML 33Page - PMC-Sierra, Inc PM9313 Datasheet HTML 34Page - PMC-Sierra, Inc PM9313 Datasheet HTML 35Page - PMC-Sierra, Inc PM9313 Datasheet HTML 36Page - PMC-Sierra, Inc PM9313 Datasheet HTML 37Page - PMC-Sierra, Inc PM9313 Datasheet HTML 38Page - PMC-Sierra, Inc PM9313 Datasheet HTML 39Page - PMC-Sierra, Inc PM9313 Datasheet HTML 40Page - PMC-Sierra, Inc PM9313 Datasheet HTML 41Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
33
PMC-Sierra, Inc.
Figure 10. Ingress and Egress Queue for Multicast Traffic
The Scheduler maintains information on the occupancy of the multicast ingress queues, and receives
backpressure/unbackpressure signals for the multicast egress queues. If an egress multicast queue is
backpressured then there is a question as to what happens to the cell at the head of an ingress queue that
is trying to send to that backpressured egress queue (as well as other ports). If the Scheduler blocks the
ingress queue, then the system will experience head-of-line blocking for multicast cells at that priority.
Every ETT1 port can select how it wants to handle multicast cells that are sent to it. For each of the four
multicast egress queues, the local ETT1 CPU can either enable or disable a backpressure signal from
being sent to the Scheduler.
NOTE: This selection is at the egress queues, not the ingress queues.
If a port is set so that multicast backpressure is disabled, then that port will never cause head-of-line
blocking to occur in any ingress multicast queue that will send to it.
If a port is set so that multicast backpressure is enabled, then that port can assert a backpressure signal if
the egress queue gets too full. Consequently, this might cause head-of-line blocking at multicast ingress
queues that send cells to this port.
Therefore, head-of-line blocking is only guaranteed not to occur if all of the ports that can receive multicast
cells have their multicast backpressure signals disabled. If at least one port has backpressure enabled,
then head-of-line blocking might occur.
1.3.3
Unicast Traffic (Subport Mode)
The EPP can operate in one of two modes. The first mode uses the queueing model described previously,
and corresponds to a single channel of approximately 10 Gbit/s. The second mode is called subport mode.
In subport mode an EPP can manage four channels of 2.5 Gbit/s each. The physical interface at the
Dataslice is always a single channel; in subport mode the four 2.5 Gbit/s channels are time multiplexed
onto the single 10 Gbit/s channel. More precisely, given that the ETT1 Chip Set always operates at 25M
cells per second, the subport mode correspond to four channels each of up to 6.25M cells per second.
Figure 11. shows the block diagram of an ETT1 port card. The six (or seven) Dataslices provide a single
interface. A separate MUX device is required to manage the four OC-48c channels and merge them so
they appear as a single channel to the EPP/DS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com