Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 40 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 40 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 36Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 37Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 38Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 39Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 40Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 41Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 42Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 43Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 44Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 225 page
background image
Chapter 1 The TMPR3916
Preliminary
1-3
1.3
Differences Between TX3903AF and TMPR3916
In catchwords this section explains changed features of TMPR3916 in comparison to its predecessor
TX3903AF. For detailed information please have a deeper look into this document.
•
60 MHz operating frequency
•
added dual CAN device
•
added TXSEI functionality
•
added two channel SDRAM Controller
•
separate Video- and CPU-bus to SDRAM in order to increase system performance
•
removed EDO-DRAM channels from MEMC
•
no more support of pipelined burst SRAM
•
graphics display controller: increased number of colors from 16 to 256 in layer A and B
•
raised number of 16 general purpose IOs to 30 and added capability of triggering interrupt
•
extended timer functionality to PWM-support
•
increased number of internal interrupts
•
modified UART incl. register structure
•
external bus-master functionality is not supported any more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com