Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 63 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 63 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 59Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 60Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 61Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 62Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 63Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 64Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 65Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 66Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 225 page
background image
Chapter 2 Memory Controller (MC)
Preliminary
2-14
Bit
Name
Function
Reset
Value
R/W
17:16
WRL
Write Recovery Latency
This setting defines the minimum number of cycles, from the point
where the last word has been written until the “precharge” command
is issued. This setting has to match the write recovery time (tWR) of
the selected SDRAM.
00 = 1 cycle
01 = 2 cycles
10 = 3 cycles
11 = 4 cycles
11
R/W
15:13
APL
Active to Precharge Latency
This field and the associated timer is used to ensure the Active to
Precharge Latency (tRAS). The register value is used as reload
value for an internal down counter.
PCHG Latency
000 ..010 = Invalid setting
011 = 3 cycles
100 = 4 cycles
101 = 5 cycles
110 = 6 cycles
111 = 7 cycles
111
R/W
12:10
RASL
RAS Latency
This timeframe has to safely match the tRCD time of the selected
SDRAM device. The setting defines the number of cycles between
providing the row address and the column address. This setting is
used as reload value for a 3 bit down counter.
010 = 2 cycles
011 = 3 cycles
100 = 4 cycles
101 = 5 cycles
Others = Invalid setting
011
R/W
9:7
CASL
CAS Latency
This setting defines the number of clock cycles from the time that
the column address is provided (READ, RDA / WRITE, WRA) until
the first data is taken/output from/on the SDRAM data bus.
During the power-up sequence, this value is programmed into the
mode register as it is. For the SDRAM controller this setting is used
as a reload value for an internal down counter. CAS latencies of less
than 2 cycles are not supported!
010 = 2 cycles
011 = 3 cycles
Others = Invalid settings
011
R/W
6:4
PAL
Same Bank Precharge -> Active/Refresh Latency
This setting defines the minimum number of cycles from the point
where the bank is precharged until it is reused (Activate, Refresh).
This timeframe is defined by the tRP time of the selected memory
device. This time will not be taken, if a different bank or a different
memory device is accessed.
010 = 2 cycles
011 = 3 cycles
100 = 4 cycles
101 = 5 cycles
110 = 6 cycles
111 = 7 cycles
Others = Invalid settings
111
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com