Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 98 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 98 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 94Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 95Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 96Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 97Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 98Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 99Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 100Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 101Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 102Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 225 page
background image
Chapter 3 Graphics Display Controller (GDC)
Preliminary
3-19
Vertical Synchronous Pulse Width Register (VSWR)
Bit
31
2120
1615
0
Name
VSW
Bit
Name
Function
Reset
Value
R/W
31:21
Wired to zero
0R
20:16
VSW
Specifies the vertical sync signal pulse width using the number of
lines.
0x03
R/W
15:0
Wired to zero
0R
Vertical Display Start Register (VDSR) for layers A/E, B and C
Bit
31
2221
1615
0
Name
VDS
Bit
Name
Function
Reset
Value
R/W
31:21
Wired to zero
0R
21:16
VDS
These bits specify the vertical display start position using the number
of lines, starting from the VSYNC* signal falling edge.
0x04
R/W
15:0
Wired to zero
0R
Note:
The lowest value allowed for VDS is 2hex.
Vertical Display Start Register (VDSRD) for layer D
Bit
31
2625
1615
0
Name
VDSD
Bit
Name
Function
Reset
Value
R/W
31:26
Wired to zero
0R
25:16
VDSD
These bits specify the vertical display start position using the
number of lines, starting from the VSYNC* signal falling edge.
0x0F6
R/W
15:0
Wired to zero
0R
Note:
The lowest value allowed for VDSD is 2hex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com