Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 13Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 14Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 15Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 16Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 17Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 18Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 19Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 20Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 225 page
background image
3 General Safety Precautions and Usage Considerations
3-2
(e) Make sure that sections of the tape carrier which come into contact with installation
devices or other electrical machinery are made of a low-resistance material.
(f) Make sure that jigs and tools used in the assembly process do not touch devices.
(g) In processes in which packages may retain an electrostatic charge, use an ionizer to
neutralize the ions.
• Make sure that CRT displays in the working area are protected against static charge, for
example by a VDT filter. As much as possible, avoid turning displays on and off. Doing so can
cause electrostatic induction in devices.
• Keep track of charged potential in the working area by taking periodic measurements.
• Ensure that work chairs are protected by an anti-static textile cover and are grounded to the
floor surface by a grounding chain. (Suggested resistance between the seat surface and
grounding chain is 7.5
× 105 to 1012Ω.)
• Install anti-static mats on storage shelf surfaces. (Suggested surface resistivity is 104 to 108
Ω/sq; suggested resistance between surface and ground is 7.5 × 105 to 108 Ω.)
• For transport and temporary storage of devices, use containers (boxes, jigs or bags) that are
made of anti-static materials or materials which dissipate electrostatic charge.
• Make sure that cart surfaces which come into contact with device packaging are made of
materials which will conduct static electricity, and verify that they are grounded to the floor
surface via a grounding chain.
• In any location where the level of static electricity is to be closely controlled, the ground
resistance level should be Class 3 or above. Use different ground wires for all items of
equipment which may come into physical contact with devices.
(2) Operating environment
• Operators must wear anti-static clothing and conductive shoes
(or a leg or heel strap).
• Operators must wear a wrist strap grounded to earth via a
resistor of about 1 M
Ω.
• Soldering irons must be grounded from iron tip to earth, and must be used only at low voltages
(6 V to 24 V).
• If the tweezers you use are likely to touch the device terminals, use anti-static tweezers and in
particular avoid metallic tweezers. If a charged device touches a low-resistance tool, rapid
discharge can occur. When using vacuum tweezers, attach a conductive chucking pat to the tip,
and connect it to a dedicated ground used especially for anti-static purposes (suggested
resistance value: 104 to 108
Ω).
• Do not place devices or their containers near sources of strong electrical fields (such as above a
CRT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com