Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 100 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 100 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 96Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 97Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 98Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 99Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 100Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 101Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 102Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 103Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 104Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 225 page
background image
Chapter 3 Graphics Display Controller (GDC)
Preliminary
3-21
3.5
Setting Examples
Display characters:
Horizontal synchronous cycle is 64 µsec/line,
Vertical synchronous cycle is 16.678 msec/screen.
If DOTCLK = 3 MHz
⇒
DCKPS = 0x9,
HC = 64 µs
× 3 MHz
= 192 dots,
VC = 16.768 ms
× 1/64 µs = 262 lines.
When displaying a 160-dot
× 225-line (32 dots × 32 lines for layer D) picture out of a 368 × 270-frame,
and the frame buffer is SDRAM, then
SARA=0xA0000000,
(physical: 0x50000000)
SARB=0xA0400000,
(physical: 0x50200000)
SARC=0xA0800000,
(physical: 0x50400000)
SARD=0xA0C00000,
(physical: 0x50600000)
MWRA=0x5C,
MWRB=0x5C,
MWRC=0x2E,
MWRD=0x0A.
Please note that the defined start addresses are logical addresses. The physical start address is defined as
the right shifted logical address and a zero as MSB (see chapter 3.4 ‘Start address register’ Figure 3.4.1).
The following are example register settings while internal synchronization signals HSYNC and VSYNC
are used:
HTN
= 0x05,
HTND
= 0x01,
HDS
= 0x17,
HDE
= 0xB7,
HDSD
= 0x37,
HDED
= 0x57,
HC
= 0xC0,
VC
= 0x106,
HSW
= 0x0F,
VSW
= 0x04,
VDS
= 0x1B,
VDE
= 0xFC,
VDSD
= 0x3B,
VDED
= 0x5B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com