Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 65 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 65 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 61Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 62Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 63Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 64Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 65Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 66Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 67Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 68Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 69Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 225 page
background image
Chapter 2 Memory Controller (MC)
Preliminary
2-16
2.5.6
Address Mask Configuration
The following example provides a step by step approach that shows how to configure base-address
and address-masks for a memory channel.
For the example it is assumed that two 128 MBit SDRAM devices with 16 Bit connectivity are
connected to one of the SDRAM Controller channels.
To configure the address mask proceed in the following order:
1.
Select a base-address for the memory area to be mapped.
In this example, we choose 0x5000_0000 as the physical base address for the memory area to be
mapped.
2.
Determine how much memory is connected to the memory channel:
In this example 2 devices with 16 MBytes each => 32 MByte
3.
Determine how many address bits are required to address 33.554.432 Bytes
log2 (33554432) = 25
This means that 25 address bits are required for the channel
Therefore, the correct address mask is 0xfe00.
In this case, the memory area from 0x5000_0000 to 0x51ff_ffff will be mapped to the SDRAM
channel. The SDRAM controller will respond only to bus accesses that refer to an address within this
area.
Starting from this setup also mirror areas and protected areas can be generated:
Example for mirroring:
An address mask 0x7e00 will map the same physical memory twice to the addresses:
0x5000_0000 - 0x51ff_ffff and
0xD000_0000 - 0xD1ff_ffff
Example for protection:
An address mask 0xff00 will leave the memory area
0x5000_0000 - 0x50ff_ffff accessible, while the second half
0x5100_0000 - 0x51ff_ffff is protected.
Please note that the SDRAM always refers to physical address space, which might differ from the
virtual address space used within a computer program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com