Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 82 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 82 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 78Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 79Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 80Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 81Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 82Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 83Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 84Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 85Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 86Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 225 page
background image
Chapter 3 Graphics Display Controller (GDC)
Preliminary
3-3
3.1.2
Frame Buffer
The TMPR3916 supports SDRAM and SRAM as frame buffer.
The GDC uses separated address generators for each of its four layers A/E, B, C, and D. It can
specify the A/E, B, C, or D layer display data address area by writing the data to the start address
register (SARx, where x stands for: A/E, B, C, D), the memory width register (MWRx), the horizontal
display start register (HDSR) and the horizontal display end register (HDER). The HDSR and HDER
are stored as one value in the horizontal display start end register (HDSER).
HDER - HDSR
SARx
SARx + MWRx
MWRx
frame buffer
1
st line
SARx
32 bit frame buffer
SARx + MWRx
SARx + N
↔ MWRx
(N+1)
th line
2
nd line
Figure 3.1.2 Frame Buffer Data
The SARx stores the address of the upper-left corner’s dot belonging to layer x. The MWRx stores
the offset value to be added to the contents of SARx to get the address of the left-most pixel of the
following line. It is not allowed to store the last dot of one line and the first dot of the next line within
one memory word as shown below.
The TMPR3916 dot data structure in the frame buffer is as follows: In map mode these values are
addresses for color palette. In picture mode these values represent the displayed colors.
Data Length Per Dot
Active Level
# Colors
Map mode C/D
4 bits
Layers C, D
16
Map mode A/B
8 bits
Layers A, B
256
Picture mode
16 bits
Layer E
64K
Accordingly, the data structure for each word is as follows.
Bits
31:28
27:24
23:20
19:16
15:12
11: 8
7:4
3:0
Map mode C/D
Dot 1
Dot 2
Dot 3
Dot 4
Dot 5
Dot 6
Dot 7
Dot 8
Map mode A/B
Dot 1
Dot 2
Dot 3
Dot 4
Picture mode
Dot 1
Dot 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com