Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 61 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 61 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 57Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 58Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 59Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 60Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 61Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 62Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 63Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 64Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 65Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 225 page
background image
Chapter 2 Memory Controller (MC)
Preliminary
2-12
Bit
Name
Function
Reset
Value
R/W
1
ENA
ENA – Module Enable
1 = Enable Module
0 = Disable Module
If SDRAMC is disabled the state-machine of the SDRAM controller
is suspended and the controller will remain in the idle state. This
also means that connected SDRAMs will not be refreshed and that
their contents will be lost.
The module should never be disabled during its normal operation. It
has to be ensured, that no SDRAM accesses are performed on one
of the G-Busses when the module is disabled.
For example, SDRAMC should never be disabled in a situation,
where read accesses are still performed on the video bus. It is
mandatory to disable the GDC before SDRAMC is being disabled.
Software should also ensure, that the internal write-buffer has been
written to SDRAM memory.
Violations to these rules might result in bus hang-ups.
0
R/W
0
PWR
PWR – Power-Up Sequence
Setting this bit will run the power-up sequence for all connected and
enabled memory devices. The power-up sequence is described
more closely in the next chapter. This flag can be read to determine
the end of the power-up procedure. At the end of the power-up
sequence, this bit is automatically cleared by the SDRAM controller
state-machine.
0
R/W
Base Address Register (DCBA)
Bit
31
22
21
16
Name
BAX
Bit
15
6
5
0
Name
BAY
Bit
Name
Function
Reset
Value
R/W
31:22
BAX
Base Address Memory Channel X
This register is used to define the base address for memory channel
X. This address is compared to the upper 10 bits of the physical
G-Bus address.
0
R/W
21:16
Wired to zero
0R
15:6
BAY
Base Address Memory Channels Y
The same as for the memory channel X.
0
R/W
5:0
Wired to zero
0R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com