Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 56 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 56 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 52Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 53Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 54Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 55Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 56Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 57Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 58Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 59Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 60Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 225 page
background image
Chapter 2 Memory Controller (MC)
Preliminary
2-7
2.5
SDRAMC Functions
2.5.1
Address Translation
The table below shows the different memory organizations that have been considered during the
controller design and that can be used for each of the two memory channels.
Channel Size
(for one channel)
Mapped G-Bus
Address Bits
Toshiba Device
Number
Organizations
(Devices
× Banks × Rows × Columns × Bits)
8 Mbyte
[22:2]
TC59S6432
1
× 4 × 2 K × 256 × 32 (SDRAM, 64 Mbit)
16 Mbyte
[23:2]
TC59S6416
2
× 4 × 4 K × 256 × 16 (SDRAM, 64 Mbit)
32 Mbyte
[24:2]
TC59S6408
TC59SM716
4
× 4 × 4 K × 512 × 8 (SDRAM, 64 Mbit)
2
× 4 × 4 K × 512 × 16 (SDRAM, 128 Mbit)
64 Mbyte
[25:2]
TC59S6404
TC59SM708
TC59SM816
8
× 4 × 4 K × 1 K × 4 (SDRAM, 64 Mbit)
4
× 4 × 4 K × 1 K × 8 (SDRAM, 128 Mbit)
2
× 4 × 8 K × 512 × 16 (SDRAM, 256 Mbit)
128 Mbyte
[26:2]
TC59SM704
TC59SM808
8
× 4 × 4 K × 2 K × 4 (SDRAM, 128 Mbit)
4
× 4 × 8 K × 1 K × 8 (SDRAM, 256 Mbit)
2
× 4 × 8 K × 1 K × 16 (SDRAM, 512 Mbit)
256 Mbyte
[27:2]
TC59SM804
8
× 4 × 8 K × 2 K × 4 (SDRAM, 256 Mbit)
4
× 4 × 8 K × 2 K × 8 (SDRAM, 512 Mbit)
Therefore, SDRAMC supports the following memory organizations:
Banks:
2 or 4
Rows:
2 K, 4 K, 8 K
Columns:
256, 512, 1 K, 2 K
The following table shows address translation of the G-Bus address for supported memory
configurations.
Organization
Column Size
Organization
Row Size
Organization
Bank Size
Address Mapping
ColAddr
Address Mapping
RowAddr
Address Mapping
BankAddr
2 K
2
4
GAO[9:2]
GAO[20:10]
GAO[21]
GAO[22:21]
4 K
2
4
GAO[9:2]
GAO[21:10]
GAO[22]
GAO[23:22]
256
8 K
2
4
GAO[9:2]
GAO[22:10]
GAO[23]
GAO[24:23]
2 K
2
4
GAO[10:2]
GAO[21:11]
GAO[22]
GAO[23:22]
4 K
2
4
GAO[10:2]
GAO[22:11]
GAO[23]
GAO[24:23]
512
8 K
2
4
GAO[10:2]
GAO[23:11]
GAO[24]
GAO[25:24]
2 K
2
4
GAO[11:2]
GAO[22:12]
GAO[23]
GAO[24:23]
4 K
2
4
GAO[11:2]
GAO[23:12]
GAO[24]
GAO[25:24]
1024
8 K
2
4
GAO[11:2]
GAO[24:12]
GAO[25]
GAO[26:25]
2 K
2
4
GAO[12:2]
GAO[23:13]
GAO[24]
GAO[25:24]
4 K
2
4
GAO[12:2]
GAO[24:13]
GAO[25]
GAO[26:25]
2048
8 K
2
4
GAO[12:2]
GAO[25:13]
GAO[26]
GAO[27:26]
Note: GAO (G-Bus Address Output) refers to the physical address of the internal system bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com