| Electronic Components Datasheet Search |
|
TMPR3916 Datasheet(PDF) 50 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3916 Datasheet(HTML) 50 Page - Toshiba Semiconductor |
|
50 / 225 page ![]() Chapter 2 Memory Controller (MC) Preliminary 2-1 2. Memory Controller (MC) This system’s memory controller consists of two modules: the SDRAM Controller (SDRAMC) and MEMC for other types of memory. Six multi-purpose memory channels can be administrated: While the channels 0 and 1 are assigned to the SDRAM controller, the memory controller’s channels are numbered from 2 to 5. The SDRAM Controller contains the following features: • uses memory architecture single-data-rate SDRAM • 2 memory channels with 32 bit width, 16 bit width connectivity is not supported for SDRAM devices • base address, mask, DRAM size & organization configurable for each channel (same physical address space on both Video and System-Busses) • true dual G-Bus connectivity • read bursts 4, 8, 16, 32 words, • single read accesses, single write accesses • different, mixed burst sizes on both busses are possible • fair memory arbitration, predictable latency • memory arbitrated on a first come first serve basis • for the case of a simultaneous transaction request, the prioritized G-Bus can be configured • one word write-back buffer to reduce bus utilization during write operations • low-power / self-refresh mode supported • background refresh during MEMC accesses • built-in power-up logic • programmable refresh cycle The MEMC contains the following features: • 4 separate channels • Support for ROM, MASK ROM, PAGE MODE ROM, EPROM, EEPROM, SRAM, and FLASH devices • Support for Page-Mode • Base Address and size programmable per channel • external Acknowledge mode for external ASIC slave device connectivity • Data Bus width of 16-bit/32-bit is selectable by channel • Supports programmable Setup and Hold Time for Address, Chip Enable, Write Enable Signals • Channel 5 supports BOOT options |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |