Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 54 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 54 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 50Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 51Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 52Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 53Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 54Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 55Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 56Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 57Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 58Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 225 page
background image
Chapter 2 Memory Controller (MC)
Preliminary
2-5
Connection of an external slave device with a data width of 32 bit :
SYSCLK
CS[x*]
A[26:2]
BSTART*
LAST*
BURST*
RD*
ACK*
BUSERR*
BE[3:0]*
D[31:0]
SYSCLK
CS*
A
BSTART*
LAST*
BURST*
RW*
ACKOUT*
BUSERROUT*
BE[3:0]*
D[31:0]
Figure 2.2.4 32-Bit External Slave Device Connected to Memory Channel
The following figure shows the connection of a 32 bit width 16Mbit SDRAM device to the TMPR3916.
As can be seen on the chip select signal connectivity (CS0) the device is accessed via channel 0 of the
SDRAM Controller.
SYSCLK
CKE
CS0*
A[12:2]
A[16:15]
RAS*
CAS*
WE*
BE[3:0]*
D[31:0]
CLK
CKE
CS*
A[10:0]
BA[1:0]
RAS*
CAS*
WE*
DQM
DQ[31:0]
Figure 2.2.5 16 Mbit
× 32 SDRAM Device Connected to Memory Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com