Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 74 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 74 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 70Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 71Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 72Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 73Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 74Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 75Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 76Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 77Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 225 page
background image
Chapter 2 Memory Controller (MC)
Preliminary
2-25
ROM Channel Control Register 5 (RCCR5)
The channel 5 is used as boot channel. Note that the pin A26 / Boot16 has an impact on the bus width
setting of the connected boot device.
The RCCR5 has the same bit functions like RCCR2 to RCCR4. Only reset-values differ. For detailed
description of function, please see RCCR2-RCCR4.
Bit
313029
282726252423
222120191817
16
Name
RBA
RPM
RPWT
Bit
15
14
13
12
11
10
987
654321
0
Name
RWT
RCS
RBS
RBC
RME
RSHT
Bit
Name
Reset Configuration
Reset
Value
R/W
31:20
RBA
Base Address (default: 0x1FC0 0000)
0x1FC
R/W
19:18
RPM
Page Mode, Page Size (default: no page mode)
00
R/W
17:16
RPWT
The device is not configured for page mode (RPM bits). This means
that RPWT and RWT are combined to one counter value for the wait
state generation. The wait state counter is set to 64 wait states, that
can be reduced in the boot routine to a value that fits to the
connected device.
11
R/W
15:12
RWT
Normal Mode Wait Time (default: 14 wait cycles)
1110
R/W
11:8
RCS
Channel Size (default: 4 Mbyte)
0010
R/W
7
RBS
Bus Size (configuration is latched from A26/BOOT16 pin)
BOOT16
Pin
R/W
6
Wired to zero
0R
5
RBC
Byte Control (default: byte enables only active on write access)
0R/W
4
Wired to zero
0R
3
RME
Master Enable (default: enabled)
1R/W
2:0
RSHT
Setup/Hold Wait Time (default: disabled)
000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com