Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 94 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 94 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 90Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 91Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 92Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 93Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 94Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 95Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 96Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 97Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 98Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 225 page
background image
Chapter 3 Graphics Display Controller (GDC)
Preliminary
3-15
Bit
Name
Function
Reset
Value
R/W
17
VSYNC
0
Vertical scanning synchronization pulse period
1
Vertical scanning display period
Note: In positive mode the synchronization period takes place
when VSYNC equals logic 1.
0
R
16
HSYNC
0
Horizontal scanning synchronization pulse period
1
Horizontal scanning display period
Note: In positive mode the synchronization period takes place
when HSYNC equals logic 1.
0
R
15:5
Wired to zero.
0R
4
LSB
0
Outputs 0 on LSB of R/G in pixel mode
1
Outputs 1 on LSB of R/G in pixel mode
0
R/W
3
MODE
0
Dot mode: Outputs dots and dot clock
1
Pixel mode: Outputs pixels serially and pixel clock
0
R/W
2
NSYNC
0
Normal mode: Outputs sync signals low active
1
Positive mode: Outputs sync signals high active
0
R/W
1
CSEL
0
Outputs VSYNC signal from VSYNC pin
1
Outputs CSYNC signal from VSYNC pin
0
R/W
0
ESYNC
0
Sets HSYNC and VSYNC pins to output mode
1
Sets HSYNC and VSYNC pins to input mode
1
R/W
Note:
When outputting a digital RGB signal, you must set bits [15:0] of PAMUX register in module
PORT to 1.
Start Address Register A/E, B, C, D (SARA/E, SARB, SARC, SARD)
Bit
31
21
20
3210
Name
SA
AC
SS
Bit
Name
Function
Reset
Value
R/W
31:21
SA
Segment Address
These bits specify the segment start address of each layer’s frame
buffer.
0
R/W
20:3
AC
Address Counter
These bits specify the start address within the segment defined by
SA of each layer’s frame buffer.
0
R/W
2:0
SS
Dot Position
These bits specify the first visible dot within the first word addressed
by AC. Note that SS width differs for layer A/B and C/D and does
not matter for layer E. The SS[2] bit is not relevant for layers A and
B.
Display Start Position
Layer C/D
Layer A/B
000
from dot 1
from dot 1
001
from dot 2
from dot 2
010
from dot 3
from dot 3
011
from dot 4
from dot 4
100
from dot 5
from dot 1
101
from dot 6
from dot 2
110
from dot 7
from dot 3
111
from dot 8
from dot 4
AC
& SS specify the display start position for each layer in units of
dots.
Counting up AC
& SS scrolls screen to the left. Counting down AC
& SS scrolls screen to the right.
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com