Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 47 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 47 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 43Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 44Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 45Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 46Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 47Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 48Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 49Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 50Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 51Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 225 page
background image
Chapter 1 The TMPR3916
Preliminary
1-10
1.8
Time-Out-Error Control Unit
This unit is a kind of watchdog unit for the internal CPU-bus.
When a master sends a GBSTART signal, the Time-Out Error Control Unit starts counting cycles. If no
reaction has been detected on the bus, an internal acknowledging GACK is generated after 1024 cycles so
that the bus is free for interaction again.
1.9
Operating Modes of TMPR3916
In Normal Mode, the TX39 core and peripheral circuits operate at maximum frequency.
Halt Mode halts the core operations and reduces power dissipation by stopping the clock in the TX39
core.
To switch to Halt mode, set the Halt bit of the Configuration Register in TX39 core.
In Halt mode, the TX39 core holds the status of the pipeline processing and stops the core operations. The
write buffer does not stop. If data remains in the write buffer when Halt mode is selected, write operations
continue until the write buffer becomes empty. Also SYSCLK does not stop.
The processor is released from HALT mode by using the NMI* signal, RESET* signal or by any kind of
enabled interrupt. The corresponding exception handler is executed after the HALT mode has been released.
Doze Mode halts some TX39 core operations and reduces power dissipation. Unlike Halt mode, only
some clocks in the processor core stop, allowing external bus release requests to be received. Also the
peripheral blocks continue operating normally in Doze mode.
To switch to Doze mode, set the Doze bit of the configuration register in TX39 core.
Standby Mode halts the clock generator PLL circuit operation and reduces power dissipation.
First, set CLKEN pin to low to stop the clock supply. Then, set PLLOFF* pin to low to halt the PLL
circuit operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com