Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 91 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 91 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 87Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 88Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 89Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 90Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 91Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 92Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 93Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 94Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 95Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 225 page
background image
Chapter 3 Graphics Display Controller (GDC)
Preliminary
3-12
3.3
Internal Blockdiagram
display control
register
horizontal transfer
number register *2
A & B & C & D
memory width
register *4
A & B & C & D
start address
register *4
A & B & C & D
horizontal display start
register *2
horizontal display end
register *2
vertical display start
register *2
vertical display end
register *2
horizontal synchronous pulse
width register
horizontal cycle register
vertical synchronous pulse
width register
vertical cycle register
dot shifter
dot buffer
A, B
C, D
color
palette
dot buffer
E
HSYNC
VSYNC/ CSYNC
HDISP
D[31:0]
A[31:2]
BE[3:0]*
GDCINT*
DAC
analog out ROUT
analog out GOUT
analog out BOUT
Digital RGB via PIO:
[15:0] in dot mode
[5:0] in pixel mode
32
16
16
DOTCLK
Figure 3.3.1 GDC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com