Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 60 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 60 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 56Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 57Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 58Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 59Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 60Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 61Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 62Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 63Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 64Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 225 page
background image
Chapter 2 Memory Controller (MC)
Preliminary
2-11
Bit
Name
Function
Reset
Value
R/W
16
SRM
Self Refresh Mode
This register is used to enter and exit the SDRAM self-refresh mode.
Self-Refresh mode will automatically be entered, by writing this
register to 1. Self-Refresh mode is exited, by writing SRM with a
value of 0 or by conducting a read or write access to the SDRAM
mapped memory region. CEN or ENA may not be deasserted during
self-refresh mode. If self-refresh mode is not utilized, initialize SRM
to 0.
0
R/W
15:14
RSY
Row Size for channel Y
The RSY, CSY and BSY fields are used to specify the organization of
memory channel Y.
00 = 2 K
01 = 4 K
10 = 8 K
11 = Invalid setting
00
R/W
13:12
CSY
Column Size for channel Y
Number of Columns
00 = 256
01 = 512
10 = 1 K
11 = 2 K
00
R/W
11
BSY
Bank Size for channel Y
Number of Banks
0 = 2 banks
1 = 4 banks
0
R/W
10:6
Wired to zero
0R
5
CEN1
Memory Channel Enable Channel Y
1 = Enable address decoding for this channel
0 = Disable address decoding for this channel
This setting enables and disables the address decoding for the
memory channel. A memory channel cannot be accessed, if it is
disabled using this bit and G-Bus transactions within the channel’s
address range will not be answered.
0
R/W
4
CEN0
Memory Channel Enable Channel X
1 = Enable address decoding for this channel
0 = Disable address decoding for this channel
This setting enables and disables the address decoding for the
memory channel. A memory channel cannot be accessed, if it is
disabled using this bit and G-Bus transactions within the channel’s
address range will not be answered.
R/W
3
PRIO
G-Bus Priority Setting
This bit can be used to prioritize the access of one G-Bus. However,
this bit has only a minor impact. In the scenario, the memory
controller is in idle state when both G-Busses simultaneously start a
G-Bus transaction:
1 = G-Bus X will be serviced with priority
0 = G-Bus Y will be serviced with priority
A real prioritization of one G-Bus is not efficient in terms of
performance, since it is not possible to utilize the dual G-Bus
structure under these circumstances. Additionally, the latency of one
G-Bus would become unpredictable.
0
R/W
2
Wired to zero
0R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com