Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 95 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 95 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 91Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 92Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 93Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 94Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 95Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 96Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 97Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 98Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 99Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 225 page
background image
Chapter 3 Graphics Display Controller (GDC)
Preliminary
3-16
The specified start address SARx is not the same address as the address on the video bus. The lowest bits
(SS bits) are used internally only (!). The differences are described in figure 12:
0
SA[10:0]
AC[17:0]
SS[2:0]
SA[10:0]
AC[17:0]
31
2
SARx [31:0]
video bus address [31:2]
Used within GDC only
30
20 19
21 20
3
2
0
31
logical address
physical address
Figure 3.4.1 Logical Address and Physical Bus Address
Note:
Bit 31 of video bus address is tied to 0.
Memory Width Register A/E, B, C, D (MWRA/E, MWRB, MWRC, MWRD)
Bit
31
2625
1615
0
Name
MW
Bit
Name
Function
Reset
Value
R/W
31:26
Wired to zero
0R
25:16
MW
Specifies the line widths of each layer on the frame buffer in one-
word units.
For example, where the line width is 320 dots:
MW = 28hex for layer C and D
MW = 50hex for layer A and B
MW = A0hex for layer E
0
R/W
15:0
Wired to zero
0R
Horizontal Transfer Number Register (HTN) for layers A/E, B and C
Bit
31
21
20
16
15
0
Name
HTN
Bit
Name
Function
Reset
Value
R/W
31:21
Wired to zero
0R
20:16
HTN
Line Size of Layer A/E, B and C
These specify the number of data transfers for one line. Sets the
number of display dots for one line divided by 32.
0
R/W
15:0
Wired to zero
0R
Note:
HTN is always rounded to the higher integer value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com