Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 58 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 58 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 54Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 55Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 56Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 57Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 58Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 59Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 60Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 61Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 62Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 225 page
background image
Chapter 2 Memory Controller (MC)
Preliminary
2-9
This means for example that the frame-buffer for the video-controller and the program memory
accessed by the MCU should be located in different memory banks. If the condition is not met for two
consecutive addresses, the controller needs to precharge the bank first and it has to wait for the
precharge-to-active-latency before it can start with the access on the second MCU-bus. A memory
throughput gain of up to 40 % can be achieved, if software allows the simultaneous utilization of
several SDRAM banks.
2.5.3
Self-Refresh Mode
The SDRAM controller also offers support for the SDRAM self-refresh-mode. In self-refresh mode,
the connected SDRAM devices maintain data retention without clock-supply and without the
requirement of auto refresh cycles. The self-refresh mode significantly lowers the power consumption
of the connected memory devices.
Self-refresh mode is entered with the assertion of the SRM bit in the DCCR register. The connected
SDRAM channels and the SDRAM controller need to be enabled during this operation.
Upon assertion of this flag, SDRAMC will enter the self-refresh-mode by issuing a self-refresh-entry
command. SDRAMC will remain in self-refresh mode until the deassertion of the SRM flag. The
SDRAMC logic guarantees a minimum time of APL latency cycles in self-refresh mode.
The SRM flag can be cleared in two different ways, by either writing the bit to “0” or by conducting
an access to mapped memory space.
After clearing the SRM flag, the CKE signal is asserted to exit the self-refresh mode. The SDRAM
controller issues NOP commands for the number of cycles specified by the ARL setting. After this, a
regular auto refresh cycle will be conducted to finalize the sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com