Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 48 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 48 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 44Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 45Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 46Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 47Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 48Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 49Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 50Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 51Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 52Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 225 page
background image
Chapter 1 The TMPR3916
Preliminary
1-11
1.10 Chip Configuration Register (CCR)
The configuration register is used to configure chip functions concerning more than one module.
Bit
313029
282726
2524
Name
VIEWDAC
SFB
Bit
232221
201918
1716
Name
CANM
CANDIV
Bit
151413
121110
9
8
Name
SEIMUX
TOE
BEOW
Bit
765
432
1
0
Name
DMA1CC
DMA0CC
Bit
Name
Function
Reset
Value
R/W
31:26
Wired to zero
0R
25
VIEWDAC
By using this bit it is possible to power down the VIEWDAC.
1 = Enables the VIEWDAC (default)
0 = Disables the VIEWDAC
1
R/W
24
SFB
SRAM Frame Buffer:
0 = Display frame is stored in SDRAM
1 = Display frame is stored in SRAM
0
R/W
23:22
Wired to zero
00
R
21:20
CANM
CAN operation mode
00 = Normal mode
X1 = Internal test mode
10 = 2 internal CAN on one TX/RX pair, 1 Transceiver
00
R/W
19
Wired to zero
0R
18:16
CANDIV
The CANDIV bits set the clock divider for the CAN modules. The
following table shows possible settings and the corresponding
divider ratios.
000 = Invalid setting
001 = System clock divided by 2
010 = System clock divided by 3 (default)
011 = System clock divided by 4
100 = System clock divided by 5
101 = System clock divided by 6
110 = System clock divided by 7
111 = System clock divided by 8
010
R/W
15:13
Wired to zero
0R
12
SEIMUX
Determines whether the TXSEI or the UART use pins PIO16 to
PIO29.
0 = The UART uses pins
1 = The TXSEI uses pins
1
R/W
11:10
Wired to zero
0R
9
TOE
Time-Out Error Control
The time-out error counter aborts bus transactions with exception
after 1024 cycles, if they are not responded to.
0 = No time-out on internal bus
1 = Abort not responded access on internal bus
1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com