Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 73 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 73 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 69Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 70Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 71Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 72Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 73Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 74Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 75Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 76Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 77Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 225 page
background image
Chapter 2 Memory Controller (MC)
Preliminary
2-24
Bit
Name
Function
Reset
Value
R/W
11:8
RCS
Channel Size
Designates the memory size to be assigned.
0000 = 1 M byte 0110: 64 M bytes
0001 = 2 M bytes 0111: 128 M bytes
0010 = 4 M bytes 1000: 256 M bytes
0011 = 8 M bytes 1001: 512 M bytes
0100 = 16 M bytes 1010: 1 G bytes
0101 = 32 M bytes 1011-1111: Reserved
In 16-bit mode the maximum channel size allowed is 512M Bytes.
0000
R/W
7
RBS
Bus Size
Sets up the memory bus width of Channel 2.
0 = 32-bit bus size
1 = 16-bit bus size
0
R/W
6
Wired to zero
0R
5
RBC
Byte Enable Control
This bit determines whether the Byte Enable signals (BE[3:0]) are
asserted on read and write accessed or only on write accesses.
0 = Byte Enables active on read and write accesses
1 = Byte Enables active only on write accesses
0
R/W
4
Wired to zero
0R
3
RME
Master Enable
Enables channel.
0 = Channel is disabled
1 = Channel is enabled
0
R/W
2:0
RSHT
Setup/Hold Wait Time
Selects the number of wait states between address and chip enable
signal, chip select signal and write enable/output enable signal.
000 = Disabled
001 = 1 wait
010 = 2 wait
011 = 3 wait
:
:
111 = 7 wait
Burst access and Page Mode are not allowed if this bit field is non-
zero.
000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com