Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 398 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 398 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 394Page - Renesas Technology Corp HD64F36049 Datasheet HTML 395Page - Renesas Technology Corp HD64F36049 Datasheet HTML 396Page - Renesas Technology Corp HD64F36049 Datasheet HTML 397Page - Renesas Technology Corp HD64F36049 Datasheet HTML 398Page - Renesas Technology Corp HD64F36049 Datasheet HTML 399Page - Renesas Technology Corp HD64F36049 Datasheet HTML 400Page - Renesas Technology Corp HD64F36049 Datasheet HTML 401Page - Renesas Technology Corp HD64F36049 Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 562 page
background image
Section 18 I
2C Bus Interface 2 (IIC2)
Rev. 3.00 Mar. 15, 2006 Page 366 of 526
REJ09B0060-0300
18.4.6
Clocked Synchronous Serial Format
This module can be operated with the clocked synchronous serial format, by setting the FS bit in
SAR to 1. When the MST bit in ICCR1 is 1, the transfer clock output from SCL is selected. When
MST is 0, the external clock input is selected.
Data Transfer Format
Figure 18.13 shows the clocked synchronous serial transfer format.
The transfer data is output from the rise to the fall of the SCL clock, and the data at the rising edge
of the SCL clock is guaranteed. The MLS bit in ICMR sets the order of data transfer, in either the
MSB first or LSB first. The output level of SDA can be changed during the transfer wait, by the
SDAO bit in ICCR2.
SDA
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5 Bit 6
Bit 7
SCL
Figure 18.13 Clocked Synchronous Serial Transfer Format
Transmit Operation
In transmit mode, transmit data is output from SDA, in synchronization with the fall of the transfer
clock. The transfer clock is output when MST in ICCR1 is 1, and is input when MST is 0. For
transmit mode operation timing, see figure 18.14. The transmission procedure and operations in
transmit mode are described below.
1. Set the ICE bit in ICCR1 to 1. Set the MST and CKS3 to CKS0 bits in ICCR1 to 1. (Initial
setting)
2. Set the TRS bit in ICCR1 to select the transmit mode. Then, TDRE in ICSR is set.
3. Confirm that TDRE has been set. Then, write the transmit data to ICDRT. The data is
transferred from ICDRT to ICDRS, and TDRE is set automatically. The continuous
transmission is performed by writing data to ICDRT every time TDRE is set. When changing
from transmit mode to receive mode, clear TRS while TDRE is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com