Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 399 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 399 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 395Page - Renesas Technology Corp HD64F36049 Datasheet HTML 396Page - Renesas Technology Corp HD64F36049 Datasheet HTML 397Page - Renesas Technology Corp HD64F36049 Datasheet HTML 398Page - Renesas Technology Corp HD64F36049 Datasheet HTML 399Page - Renesas Technology Corp HD64F36049 Datasheet HTML 400Page - Renesas Technology Corp HD64F36049 Datasheet HTML 401Page - Renesas Technology Corp HD64F36049 Datasheet HTML 402Page - Renesas Technology Corp HD64F36049 Datasheet HTML 403Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 562 page
background image
Section 18 I
2C Bus Interface 2 (IIC2)
Rev. 3.00 Mar. 15, 2006 Page 367 of 526
REJ09B0060-0300
12
7
8
1
7
8
1
SCL
TRS
Bit 0
Data 1
Data 1
Data 2
Data 3
Data 2
Data 3
Bit 6
Bit 7
Bit 0
Bit 6
Bit 7
Bit 0
Bit 1
SDA
(Output)
TDRE
ICDRT
ICDRS
User
processing
[3] Write data
to ICDRT
[3] Write data
to ICDRT
[3] Write data
to ICDRT
[3] Write data
to ICDRT
[2] Set TRS
Figure 18.14 Transmit Mode Operation Timing
Receive Operation
In receive mode, data is latched at the rise of the transfer clock. The transfer clock is output when
MST in ICCR1 is 1, and is input when MST is 0. For receive mode operation timing, see figure
18.15. The reception procedure and operations in receive mode are described below.
1. Set the ICE bit in ICCR1 to 1. Set the MST and CKS3 to CKS0 bits in ICCR1 to 1. (Initial
setting)
2. When the transfer clock is output, set MST to 1 to start outputting the receive clock.
3. When the receive operation is completed, data is transferred from ICDRS to ICDRR and
RDRF in ICSR is set. When MST = 1, the next byte can be received, so the clock is
continually output. The continuous reception is performed by reading ICDRR every time
RDRF is set. When the 8th clock is risen while RDRF is 1, the overrun is detected and
AL/OVE in ICSR is set. At this time, the previous reception data is retained in ICDRR.
4. To stop receiving when MST = 1, set RCVD in ICCR1 to 1, then read ICDRR. Then, SCL is
fixed high after receiving the next byte data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com