Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 400 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 400 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 396Page - Renesas Technology Corp HD64F36049 Datasheet HTML 397Page - Renesas Technology Corp HD64F36049 Datasheet HTML 398Page - Renesas Technology Corp HD64F36049 Datasheet HTML 399Page - Renesas Technology Corp HD64F36049 Datasheet HTML 400Page - Renesas Technology Corp HD64F36049 Datasheet HTML 401Page - Renesas Technology Corp HD64F36049 Datasheet HTML 402Page - Renesas Technology Corp HD64F36049 Datasheet HTML 403Page - Renesas Technology Corp HD64F36049 Datasheet HTML 404Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 562 page
background image
Section 18 I
2C Bus Interface 2 (IIC2)
Rev. 3.00 Mar. 15, 2006 Page 368 of 526
REJ09B0060-0300
12
7
8
1
7
8
1
2
SCL
MST
TRS
RDRF
ICDRS
ICDRR
SDA
(Input)
Bit 0
Bit 6
Bit 7
Bit 0
Bit 6
Bit 7
Bit 0
Bit 1
User
processing
Data 1
Data 1
Data 2
Data 2
Data 3
[2] Set MST
(when outputting the clock)
[3] Read ICDRR
[3] Read ICDRR
Figure 18.15 Receive Mode Operation Timing
18.4.7
Noise Canceller
The logic levels at the SCL and SDA pins are routed through noise cancellers before being latched
internally. Figure 18.16 shows a block diagram of the noise canceller circuit.
The noise canceller consists of two cascaded latches and a match detector. The SCL (or SDA)
input signal is sampled on the system clock, but is not passed forward to the next circuit unless the
outputs of both latches agree. If they do not agree, the previous value is held.
C
Q
D
March detector
Internal
SCL or SDA
signal
SCL or SDA
input signal
Sampling
clock
Sampling clock
System clock
period
Latch
Latch
C
Q
D
Figure 18.16 Block Diagram of Noise Canceller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com