Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 184Page - Renesas Technology Corp HD64F36049 Datasheet HTML 185Page - Renesas Technology Corp HD64F36049 Datasheet HTML 186Page - Renesas Technology Corp HD64F36049 Datasheet HTML 187Page - Renesas Technology Corp HD64F36049 Datasheet HTML 188Page - Renesas Technology Corp HD64F36049 Datasheet HTML 189Page - Renesas Technology Corp HD64F36049 Datasheet HTML 190Page - Renesas Technology Corp HD64F36049 Datasheet HTML 191Page - Renesas Technology Corp HD64F36049 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 562 page
background image
Section 10 Realtime Clock (RTC)
Rev. 3.00 Mar. 15, 2006 Page 156 of 526
REJ09B0060-0300
10.3.7
Clock Source Select Register (RTCCSR)
RTCCSR selects clock source. A free running counter controls start/stop of counter operation by
the RUN bit in RTCCR1. When a clock other than 32.768 kHz is selected, the RTC is disabled
and operates as an 8-bit free running counter. When the RTC operates as an 8-bit free running
counter, RSECDR enables counter values to be read. An interrupt can be generated by setting 1 to
the FOIE bit in RTCCR2 and enabling an overflow interrupt of the free running counter. A clock
in which the system clock is divided by 32, 16, 8, or 4 is output in active or sleep mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
—
0
—
Reserved
This bit is always read as 0.
6
5
RCS6
RCS5
0
0
R/W
R/W
Clock Output Selection
Selects a clock output from the TMOW pin when setting
TMOW in PMR1 to 1.
00:
φ/4
01:
φ/8
10:
φ/16
11:
φ/32
4
—
0
—
Reserved
This bit is always read as 0.
3
2
1
0
RCS3
RCS2
RCS1
RCS0
1
0
0
0
R/W
R/W
R/W
R/W
Clock Source Selection
0000:
φ/8⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
0001:
φ/32⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
0010:
φ/128⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
0011:
φ/256⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
0100:
φ/512⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
0101:
φ/2048⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
0110:
φ/4096⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
0111:
φ/8192⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
1XXX: 32.768 kHz
⋅⋅⋅RTC operation
[Legend]
X:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com