Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 186Page - Renesas Technology Corp HD64F36049 Datasheet HTML 187Page - Renesas Technology Corp HD64F36049 Datasheet HTML 188Page - Renesas Technology Corp HD64F36049 Datasheet HTML 189Page - Renesas Technology Corp HD64F36049 Datasheet HTML 190Page - Renesas Technology Corp HD64F36049 Datasheet HTML 191Page - Renesas Technology Corp HD64F36049 Datasheet HTML 192Page - Renesas Technology Corp HD64F36049 Datasheet HTML 193Page - Renesas Technology Corp HD64F36049 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 562 page
background image
Section 10 Realtime Clock (RTC)
Rev. 3.00 Mar. 15, 2006 Page 158 of 526
REJ09B0060-0300
10.4.3
Data Reading Procedure
When the seconds, minutes, hours, or day-of-week datum is updated while time data is being read,
the data obtained may not be correct, and so the time data must be read again. Figure 10.4 shows
an example in which correct data is not obtained. In this example, since only RSECDR is read
after data update, about 1-minute inconsistency occurs.
To avoid reading in this timing, the following processing must be performed.
1. Check the setting of the BSY bit, and when the BSY bit changes from 1 to 0, read from the
second, minute, hour, and day-of-week registers. When about 62.5 ms is passed after the BSY
bit is set to 1, the registers are updated, and the BSY bit is cleared to 0.
2. Making use of interrupts, read from the second, minute, hour, and day-of week registers after
the IRRTA flag in IRR1 is set to 1 and the BSY bit is confirmed to be 0.
3. Read from the second, minute, hour, and day-of week registers twice in a row, and if there is
no change in the read data, the read data is used.
Before update
RWKDR = H'03, RHDDR = H'13, RMINDR = H'46, RSECDR = H'59
BSY bit = 0
(1) Day-of-week data register read
H'03
(2) Hour data register read
H'13
(3) Minute data register read
H'46
BSY bit -> 1 (under data update)
After update
RWKDR = H'03, RHDDR = H'13, RMINDR = H'47, RSECDR = H'00
BSY bit -> 0
(4) Second data register read
H'00
Figure 10.4 Example: Reading of Inaccurate Time Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com