Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 185Page - Renesas Technology Corp HD64F36049 Datasheet HTML 186Page - Renesas Technology Corp HD64F36049 Datasheet HTML 187Page - Renesas Technology Corp HD64F36049 Datasheet HTML 188Page - Renesas Technology Corp HD64F36049 Datasheet HTML 189Page - Renesas Technology Corp HD64F36049 Datasheet HTML 190Page - Renesas Technology Corp HD64F36049 Datasheet HTML 191Page - Renesas Technology Corp HD64F36049 Datasheet HTML 192Page - Renesas Technology Corp HD64F36049 Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 562 page
background image
Section 10 Realtime Clock (RTC)
Rev. 3.00 Mar. 15, 2006 Page 157 of 526
REJ09B0060-0300
10.4
Operation
10.4.1
Initial Settings of Registers after Power-On
The RTC registers that store second, minute, hour, and day-of week data are not reset by a
RES
input. Therefore, all registers must be set to their initial values after power-on. Once the register
setting are made, the RTC provides an accurate time as long as power is supplied regardless of a
RES input.
10.4.2
Initial Setting Procedure
Figure 10.3 shows the procedure for the initial setting of the RTC. To set the RTC again, also
follow this procedure.
RTC operation is stopped.
RTC registers and clock count
controller are reset.
Clock output and clock source are
selected and second, minute, hour,
day-of-week,operating mode, and
a.m/p.m are set.
RTC operation is started.
RUN in RTCCR1=0
RST in RTCCR1=1
RST in RTCCR1=0
Set RTCCSR, RSECDR,
RMINDR,RHRDR,
RWKDR,12/24 in
RTCCR1, and PM
RUN in RTCCR1=1
Figure 10.3 Initial Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com