Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 187Page - Renesas Technology Corp HD64F36049 Datasheet HTML 188Page - Renesas Technology Corp HD64F36049 Datasheet HTML 189Page - Renesas Technology Corp HD64F36049 Datasheet HTML 190Page - Renesas Technology Corp HD64F36049 Datasheet HTML 191Page - Renesas Technology Corp HD64F36049 Datasheet HTML 192Page - Renesas Technology Corp HD64F36049 Datasheet HTML 193Page - Renesas Technology Corp HD64F36049 Datasheet HTML 194Page - Renesas Technology Corp HD64F36049 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 562 page
background image
Section 10 Realtime Clock (RTC)
Rev. 3.00 Mar. 15, 2006 Page 159 of 526
REJ09B0060-0300
10.5
Interrupt Sources
There are five kinds of RTC interrupts: week interrupts, day interrupts, hour interrupts, minute
interrupts, and second interrupts.
When using an interrupt, initiate the RTC last after other registers are set. Do not set multiple
interrupt enable bits in RTCCR2 simultaneously to 1.
When an interrupt request of the RTC occurs, the IRRTA flag in IRR1 is set to 1. When clearing
the flag, write 0.
Table 10.2
Interrupt Sources
Interrupt Name
Interrupt Source
Interrupt Enable Bit
Overflow interrupt
Occurs when the free running counter is
overflown.
FOIE
Week periodic interrupt
Occurs every week when the day-of-week
date register value becomes 0.
WKIE
Day periodic interrupt
Occurs every day when the day-of-week date
register is counted.
DYIE
Hour periodic interrupt
Occurs every hour when the hour date
register is counted.
HRIE
Minute periodic interrupt
Occurs every minute when the minute date
register is counted.
MNIE
Second periodic interrupt
Occurs every second when the second date
register is counted.
SCIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com