Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 189Page - Renesas Technology Corp HD64F36049 Datasheet HTML 190Page - Renesas Technology Corp HD64F36049 Datasheet HTML 191Page - Renesas Technology Corp HD64F36049 Datasheet HTML 192Page - Renesas Technology Corp HD64F36049 Datasheet HTML 193Page - Renesas Technology Corp HD64F36049 Datasheet HTML 194Page - Renesas Technology Corp HD64F36049 Datasheet HTML 195Page - Renesas Technology Corp HD64F36049 Datasheet HTML 196Page - Renesas Technology Corp HD64F36049 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 562 page
background image
Section 11 Timer B1
Rev. 3.00 Mar. 15, 2006 Page 161 of 526
REJ09B0060-0300
Section 11 Timer B1
Timer B1 is an 8-bit timer that increments each time a clock pulse is input. This timer has two
operating modes, interval and auto reload. Figure 11.1 shows a block diagram of timer B1.
11.1
Features
• Selection of seven internal clock sources (φ/8192, φ/2048, φ/512, φ/256, φ/64, φ/16, and φ/4) or
an external clock (can be used to count external events).
• An interrupt is generated when the counter overflows.
[Legend]
TMB1:
φ
TMIB1
TCB1:
Timer mode register B1
Timer counter B1
TLB1:
IRRTB1:
Timer load register B1
Timer B1 interrupt request flag
PSS:
TMIB1:
Prescaler S
Timer B1 event input
TCB1
TMB1
PSS
TLB1
IRRTB1
Figure 11.1 Block Diagram of Timer B1
11.2
Input/Output Pin
Table 11.1 shows the timer B1 pin configuration.
Table 11.1
Pin Configuration
Name
Abbreviation
I/O
Function
Timer B1 event input
TMIB1
Input
Event input to TCB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com