| Electronic Components Datasheet Search |
|
HD64F36049 Datasheet(PDF) 196 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36049 Datasheet(HTML) 196 Page - Renesas Technology Corp |
|
196 / 562 page ![]() Section 11 Timer B1 Rev. 3.00 Mar. 15, 2006 Page 164 of 526 REJ09B0060-0300 11.4.2 Auto-Reload Timer Operation Setting bit TMB17 in TMB1 to 1 causes timer B1 to function as an 8-bit auto-reload timer. When a reload value is set in TLB1, the same value is loaded into TCB1, becoming the value from which TCB1 starts its count. After the count value in TCB1 reaches H'FF, the next clock signal input causes timer B1 to overflow. The TLB1 value is then loaded into TCB1, and the count continues from that value. The overflow period can be set within a range from 1 to 256 input clocks, depending on the TLB1 value. The clock sources and interrupts in auto-reload mode are the same as in interval mode. In auto- reload mode (TMB17 = 1), when a new value is set in TLB1, the TLB1 value is also loaded into TCB1. 11.4.3 Event Counter Operation Timer B1 can operate as an event counter in which TMIB1 is set to an event input pin. External event counting is selected by setting bits TMB12 to TMB10 in TMB1 to 1. TCB1 counts up at rising or falling edge of an external event signal input at pin TMB1. When timer B1 is used to count external event input, bit IRQ1 in PMR1 should be set to 1 and IEN1 in IENR1 should be cleared to 0 to disable IRQ1 interrupt requests. 11.5 Timer B1 Operating Modes Table 11.2 shows the timer B1 operating modes. Table 11.2 Timer B1 Operating Modes Operating Mode Reset Active Sleep Subactive Subsleep Standby Interval Reset Functions Functions Halted Halted Halted TCB1 Auto-reload Reset Functions Functions Halted Halted Halted TMB1 Reset Functions Retained Retained Retained Retained |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |