Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 193Page - Renesas Technology Corp HD64F36049 Datasheet HTML 194Page - Renesas Technology Corp HD64F36049 Datasheet HTML 195Page - Renesas Technology Corp HD64F36049 Datasheet HTML 196Page - Renesas Technology Corp HD64F36049 Datasheet HTML 197Page - Renesas Technology Corp HD64F36049 Datasheet HTML 198Page - Renesas Technology Corp HD64F36049 Datasheet HTML 199Page - Renesas Technology Corp HD64F36049 Datasheet HTML 200Page - Renesas Technology Corp HD64F36049 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 562 page
background image
Section 12 Timer V
Rev. 3.00 Mar. 15, 2006 Page 165 of 526
REJ09B0060-0300
Section 12 Timer V
Timer V is an 8-bit timer based on an 8-bit counter. Timer V counts external events. Compare-
match signals with two registers can also be used to reset the counter, request an interrupt, or
output a pulse signal with an arbitrary duty cycle. Counting can be initiated by a trigger input at
the TRGV pin, enabling pulse output control to be synchronized to the trigger, with an arbitrary
delay from the trigger input. Figure 12.1 shows a block diagram of timer V.
12.1
Features
• Choice of seven clock signals is available.
Choice of six internal clock sources (
φ/128, φ/64, φ/32, φ/16, φ/8, φ/4) or an external clock.
• Counter can be cleared by compare match A or B, or by an external reset signal. If the count
stop function is selected, the counter can be halted when cleared.
• Timer output is controlled by two independent compare match signals, enabling pulse output
with an arbitrary duty cycle, PWM output, and other applications.
• Three interrupt sources: compare match A, compare match B, timer overflow
• Counting can be initiated by trigger input at the TRGV pin. The rising edge, falling edge, or
both edges of the TRGV input can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com