Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 214Page - Renesas Technology Corp HD64F36049 Datasheet HTML 215Page - Renesas Technology Corp HD64F36049 Datasheet HTML 216Page - Renesas Technology Corp HD64F36049 Datasheet HTML 217Page - Renesas Technology Corp HD64F36049 Datasheet HTML 218Page - Renesas Technology Corp HD64F36049 Datasheet HTML 219Page - Renesas Technology Corp HD64F36049 Datasheet HTML 220Page - Renesas Technology Corp HD64F36049 Datasheet HTML 221Page - Renesas Technology Corp HD64F36049 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 562 page
background image
Section 13 Timer W
Rev. 3.00 Mar. 15, 2006 Page 186 of 526
REJ09B0060-0300
13.3.2
Timer Control Register W (TCRW)
TCRW selects the timer counter clock source, selects a clearing condition, and specifies the timer
initial output levels.
Bit
Bit Name
Initial
Value
R/W
Description
7
CCLR
0
R/W
Counter Clear
The TCNT value is cleared by compare match A when
this bit is 1. When it is 0, TCNT operates as a free-
running counter.
6
5
4
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
Select the TCNT clock source.
000: Internal clock: counts on
φ
001: Internal clock: counts on
φ/2
010: Internal clock: counts on
φ/4
011: Internal clock: counts on
φ/8
1xx: Counts on rising edges of the external event
(FTCI)
When the internal clock source (
φ) is selected, subclock
sources are counted in subactive and subsleep modes.
3
TOD
0
R/W
Timer Output Level Setting D
Sets the output value of the FTIOD pin until the first
compare match D is generated.
0: Initial output value is 0*
1: Initial output value is 1*
2
TOC
0
R/W
Timer Output Level Setting C
Sets the output value of the FTIOC pin until the first
compare match C is generated.
0: Initial output value is 0*
1: Initial output value is 1*
1
TOB
0
R/W
Timer Output Level Setting B
Sets the output value of the FTIOB pin until the first
compare match B is generated.
0: Initial output value is 0*
1: Initial output value is 1*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com