Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 305Page - Renesas Technology Corp HD64F36049 Datasheet HTML 306Page - Renesas Technology Corp HD64F36049 Datasheet HTML 307Page - Renesas Technology Corp HD64F36049 Datasheet HTML 308Page - Renesas Technology Corp HD64F36049 Datasheet HTML 309Page - Renesas Technology Corp HD64F36049 Datasheet HTML 310Page - Renesas Technology Corp HD64F36049 Datasheet HTML 311Page - Renesas Technology Corp HD64F36049 Datasheet HTML 312Page - Renesas Technology Corp HD64F36049 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 277 of 526
REJ09B0060-0300
2. Output Disable Timing of Timer Z by External Trigger: When P54/
WKP4 is set as a WKP4
input pin, and low level is input to
WKP4, the master enable bit in TOER is set to 1 and the
output of timer Z will be disabled.
WKP4
TOER
Timer Z
output pin
Timer Z output
I/O port
Timer Z output
I/O port
N
H'FF
φ
Figure 14.45 Example of Output Disable Timing of Timer Z by External Trigger
3. Output Inverse Timing by TFCR: The output level can be inverted by inverting the OLS1 and
OLS0 bits in TFCR in reset synchronous PWM mode or complementary PWM mode. Figure
14.46 shows the timing.
T
1
T
2
TFCR
Inverted
Timer Z
output pin
Address bus
TOER address
φ
Figure 14.46 Example of Output Inverse Timing of Timer Z by Writing to TFCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com