Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 306Page - Renesas Technology Corp HD64F36049 Datasheet HTML 307Page - Renesas Technology Corp HD64F36049 Datasheet HTML 308Page - Renesas Technology Corp HD64F36049 Datasheet HTML 309Page - Renesas Technology Corp HD64F36049 Datasheet HTML 310Page - Renesas Technology Corp HD64F36049 Datasheet HTML 311Page - Renesas Technology Corp HD64F36049 Datasheet HTML 312Page - Renesas Technology Corp HD64F36049 Datasheet HTML 313Page - Renesas Technology Corp HD64F36049 Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 278 of 526
REJ09B0060-0300
4. Output Inverse Timing by POCR: The output level can be inverted by inverting the POLD,
POLC, and POLB bits in POCR in PWM mode. Figure 14.47 shows the timing.
T
1
T
2
TFCR
Address bus
POCR address
Timer Z
output pin
Inverted
φ
Figure 14.47 Example of Output Inverse Timing of Timer Z by Writing to POCR
14.5
Interrupts
There are three kinds of timer Z interrupt sources; input capture/compare match, overflow, and
underflow. An interrupt is requested when the corresponding interrupt request flag is set to 1 while
the corresponding interrupt enable bit is set to 1.
14.5.1
Status Flag Set Timing
1.
IMF Flag Set Timing: The IMF flag is set to 1 by the compare match signal that is generated
when the GR matches with the TCNT. The compare match signal is generated at the last state
of matching (timing to update the counter value when the GR and TCNT match). Therefore,
when the TCNT and GR matches, the compare match signal will not be generated until the
TCNT input clock is generated. Figure 14.48 shows the timing to set the IMF flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com