Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 314Page - Renesas Technology Corp HD64F36049 Datasheet HTML 315Page - Renesas Technology Corp HD64F36049 Datasheet HTML 316Page - Renesas Technology Corp HD64F36049 Datasheet HTML 317Page - Renesas Technology Corp HD64F36049 Datasheet HTML 318Page - Renesas Technology Corp HD64F36049 Datasheet HTML 319Page - Renesas Technology Corp HD64F36049 Datasheet HTML 320Page - Renesas Technology Corp HD64F36049 Datasheet HTML 321Page - Renesas Technology Corp HD64F36049 Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 286 of 526
REJ09B0060-0300
7. Contention between GR Write and Input Capture: If an input capture signal is generated in the
T
2 state of a GR write cycle, the input capture operation has priority and the write to GR is not
performed. Figure 14.58 shows the timing in this case.
T
1
T
2
TCNT
N
GR write cycle
GR address
Input capture
signal
WGR
(internal write signal)
Address bus
GR write data
GR
M
φ
Figure 14.58 Contention between GR Write and Input Capture
8. Notes on Setting Reset Synchronous PWM Mode/Complementary PWM Mode: When bits
CMD1 and CMD0 in TFCR are set, note the following:
A. Write bits CMD1 and CMD0 while TCNT_1 and TCNT_0 are halted.
B. Changing the settings of reset synchronous PWM mode to complementary PWM mode or
vice versa is disabled. Set reset synchronous PWM mode or complementary PWM mode
after the normal operation (bits CMD1 and CMD0 are cleared to 0) has been set.
9. Notes on Writing to the TOA0 to TOD0 Bits and the TOA1 to TOD1 Bits in TOCR:
The TOA0 to TOD0 bits and the TOA1 to TOD1 bits in TOCR decide the value of the FTIO
pin, which is output until the first compare match occurs. Once a compare match occurs and
this compare match changes the values of FTIOA0 to FTIOD0 and FTIOA1 to FTIOD1
output, the values of the FTIOA0 to FTIOD0 and FTIOA1 to FTIOD1 pin output and the
values read from the TOA0 to TOD0 and TOA1 to TOD1 bits may differ. Moreover, when the
writing to TOCR and the generation of the compare match A0 to D0 and A1 to D1 occur at the
same timing, the writing to TOCR has the priority. Thus, output change due to the compare
match is not reflected to the FTIOA0 to FTIOD0 and FTIOA1 to FTIOD1 pins. Therefore,
when bit manipulation instruction is used to write to TOCR, the values of the FTIOA0 to
FTIOD0 and FTIOA1 to FTIOD1 pin output may result in an unexpected result. When TOCR
is to be written to while compare match is operating, stop the counter once before accessing to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com