Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 185Page - Renesas Technology Corp HD64F36024 Datasheet HTML 186Page - Renesas Technology Corp HD64F36024 Datasheet HTML 187Page - Renesas Technology Corp HD64F36024 Datasheet HTML 188Page - Renesas Technology Corp HD64F36024 Datasheet HTML 189Page - Renesas Technology Corp HD64F36024 Datasheet HTML 190Page - Renesas Technology Corp HD64F36024 Datasheet HTML 191Page - Renesas Technology Corp HD64F36024 Datasheet HTML 192Page - Renesas Technology Corp HD64F36024 Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 384 page
background image
Section 11 Timer W
Rev. 4.00 Sep. 23, 2005 Page 163 of 354
REJ09B0025-0400
11.5.8
Timing of Status Flag Clearing
When the CPU reads a status flag while it is set to 1, then writes 0 in the status flag, the status flag
is cleared. Figure 11.23 shows the status flag clearing timing.
IMFA to IMFD
Write signal
Address
φ
TSRW address
IRRTW
TSRW write cycle
T1
T2
Figure 11.23 Timing of Status Flag Clearing by CPU
11.6
Usage Notes
The following types of contention or operation can occur in timer W operation.
1. The pulse width of the input clock signal and the input capture signal must be at least two
system clock (
φ) cycles; shorter pulses will not be detected correctly.
2. Writing to registers is performed in the T2 state of a TCNT write cycle.
If counter clear signal occurs in the T2 state of a TCNT write cycle, clearing of the counter
takes priority and the write is not performed, as shown in figure 11.24. If counting-up is
generated in the TCNT write cycle to contend with the TCNT counting-up, writing takes
precedence.
3. Depending on the timing, TCNT may be incremented by a switch between different internal
clock sources. When TCNT is internally clocked, an increment pulse is generated from the
rising edge of an internal clock signal, that is divided system clock (
φ). Therefore, as shown in
figure 11.25 the switch is from a low clock signal to a high clock signal, the switchover is seen
as a rising edge, causing TCNT to increment.
4. If timer W enters module standby mode while an interrupt request is generated, the interrupt
request cannot be cleared. Before entering module standby mode, disable interrupt requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com