Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 187Page - Renesas Technology Corp HD64F36024 Datasheet HTML 188Page - Renesas Technology Corp HD64F36024 Datasheet HTML 189Page - Renesas Technology Corp HD64F36024 Datasheet HTML 190Page - Renesas Technology Corp HD64F36024 Datasheet HTML 191Page - Renesas Technology Corp HD64F36024 Datasheet HTML 192Page - Renesas Technology Corp HD64F36024 Datasheet HTML 193Page - Renesas Technology Corp HD64F36024 Datasheet HTML 194Page - Renesas Technology Corp HD64F36024 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 384 page
background image
Section 11 Timer W
Rev. 4.00 Sep. 23, 2005 Page 165 of 354
REJ09B0025-0400
5. The TOA to TOD bits in TCRW decide the value of the FTIO pin, which is output until the
first compare match occurs. Once a compare match occurs and this compare match changes the
values of FTIOA to FTIOD output, the values of the FTIOA to FTIOD pin output and the
values read from the TOA to TOD bits may differ. Moreover, when the writing to TCRW and
the generation of the compare match A to D occur at the same timing, the writing to TCRW
has the priority. Thus, output change due to the compare match is not reflected to the FTIOA
to FTIOD pins. Therefore, when bit manipulation instruction is used to write to TCRW, the
values of the FTIOA to FTIOD pin output may result in an unexpected result. When TCRW is
to be written to while compare match is operating, stop the counter once before accessing to
TCRW, read the port 8 state to reflect the values of FTIOA to FTIOD output, to TOA to TOD,
and then restart the counter. Figure 11.26 shows an example when the compare match and the
bit manipulation instruction to TCRW occur at the same timing.
Compare match
signal B
φ
FTIOB pin
TCRW
write signal
Set value
Bit
TCRW
0
CCLR
0
CKS2
0
CKS1
0
CKS0
0
TOD
1
TOC
1
TOB
0
76
5
43210
TOA
Expected output
Remains high because the 1 writing to TOB has priority
TCRW has been set to H'06. Compare match B and compare match C are used. The FTIOB pin is in the 1 output state,
and is set to the toggle output or the 0 output by compare match B.
When BCLR#2, @TCRW is executed to clear the TOC bit (the FTIOC signal is low) and compare match B occurs
at the same timing as shown below, the H'02 writing to TCRW has priority and compare match B does not drive the FTIOB signal low;
the FTIOB signal remains high.
BCLR#2, @TCRW
(1) TCRW read operation: Read H'06
(2) Modify operation: Modify H'06 to H'02
(3) Write operation to TCRW: Write H'02
Figure 11.26 When Compare Match and Bit Manipulation Instruction to TCRW
Occur at the Same Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com