Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 191Page - Renesas Technology Corp HD64F36024 Datasheet HTML 192Page - Renesas Technology Corp HD64F36024 Datasheet HTML 193Page - Renesas Technology Corp HD64F36024 Datasheet HTML 194Page - Renesas Technology Corp HD64F36024 Datasheet HTML 195Page - Renesas Technology Corp HD64F36024 Datasheet HTML 196Page - Renesas Technology Corp HD64F36024 Datasheet HTML 197Page - Renesas Technology Corp HD64F36024 Datasheet HTML 198Page - Renesas Technology Corp HD64F36024 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 384 page
background image
Section 12 Watchdog Timer
Rev. 4.00 Sep. 23, 2005 Page 169 of 354
REJ09B0025-0400
Bit
Bit Name
Initial
Value
R/W
Description
2
WDON
0
R/W
Watchdog Timer On
TCWD starts counting up when WDON is set to 1 and
halts when WDON is cleared to 0.
[Setting condition]
When 1 is written to the WDON bit while writing 0 to the
B2WI bit when the TCSRWE bit=1
[Clearing condition]
• Reset by RES pin
• When 0 is written to the WDON bit while writing 0 to
the B2WI when the TCSRWE bit=1
1
B0WI
1
R/W
Bit 0 Write Inhibit
This bit can be written to the WRST bit only when the
write value of the B0WI bit is 0. This bit is always read as
1.
0
WRST
0
R/W
Watchdog Timer Reset
[Setting condition]
When TCWD overflows and an internal reset signal is
generated
[Clearing condition]
• Reset by RES pin
• When 0 is written to the WRST bit while writing 0 to
the B0WI bit when the TCSRWE bit=1
12.2.2
Timer Counter WD (TCWD)
TCWD is an 8-bit readable/writable up-counter. When TCWD overflows from H'FF to H'00, the
internal reset signal is generated and the WRST bit in TCSRWD is set to 1. TCWD is initialized to
H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com