Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 193Page - Renesas Technology Corp HD64F36024 Datasheet HTML 194Page - Renesas Technology Corp HD64F36024 Datasheet HTML 195Page - Renesas Technology Corp HD64F36024 Datasheet HTML 196Page - Renesas Technology Corp HD64F36024 Datasheet HTML 197Page - Renesas Technology Corp HD64F36024 Datasheet HTML 198Page - Renesas Technology Corp HD64F36024 Datasheet HTML 199Page - Renesas Technology Corp HD64F36024 Datasheet HTML 200Page - Renesas Technology Corp HD64F36024 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 384 page
background image
Section 12 Watchdog Timer
Rev. 4.00 Sep. 23, 2005 Page 171 of 354
REJ09B0025-0400
12.3
Operation
The watchdog timer is provided with an 8-bit counter. If 1 is written to WDON while writing 0 to
B2WI when the TCSRWE bit in TCSRWD is set to 1, TCWD begins counting up. (To operate
the watchdog timer, two write accesses to TCSRWD are required.) When a clock pulse is input
after the TCWD count value has reached H'FF, the watchdog timer overflows and an internal reset
signal is generated. The internal reset signal is output for a period of 256
φ
osc clock cycles.
TCWD
is a writable counter, and when a value is set in TCWD, the count-up starts from that value. An
overflow period in the range of 1 to 256 input clock cycles can therefore be set, according to the
TCWD set value.
Figure 12.2 shows an example of watchdog timer operation.
Example:
With 30ms overflow period when
φ = 4 MHz
4
× 106 × 30 × 10–3 = 14.6
8192
TCWD overflow
H'FF
H'00
Internal reset
signal
H'F1
TCWD
count value
H'F1 written
to TCWD
H'F1 written to TCWD
Reset generated
Start
256
φ
osc clock cycles
Therefore, 256 – 15 = 241 (H'F1) is set in TCW.
Figure 12.2 Watchdog Timer Operation Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com