Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 214Page - Renesas Technology Corp HD64F36024 Datasheet HTML 215Page - Renesas Technology Corp HD64F36024 Datasheet HTML 216Page - Renesas Technology Corp HD64F36024 Datasheet HTML 217Page - Renesas Technology Corp HD64F36024 Datasheet HTML 218Page - Renesas Technology Corp HD64F36024 Datasheet HTML 219Page - Renesas Technology Corp HD64F36024 Datasheet HTML 220Page - Renesas Technology Corp HD64F36024 Datasheet HTML 221Page - Renesas Technology Corp HD64F36024 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 192 of 354
REJ09B0025-0400
13.4
Operation in Asynchronous Mode
Figure 13.2 shows the general format for asynchronous serial communication. One character (or
frame) consists of a start bit (low level), followed by data (in LSB-first order), a parity bit (high or
low level), and finally stop bits (high level). Inside the SCI3, the transmitter and receiver are
independent units, enabling full-duplex. Both the transmitter and the receiver also have a double-
buffered structure, so data can be read or written during transmission or reception, enabling
continuous data transfer.
LSB
Start
bit
MSB
Mark state
Stop bit
Transmit/receive data
1
Serial
data
Parity
bit
1 bit
1 or
2 bits
7 or 8 bits
1 bit,
or none
One unit of transfer data (character or frame)
Figure 13.2 Data Format in Asynchronous Communication
13.4.1
Clock
Either an internal clock generated by the on-chip baud rate generator or an external clock input at
the SCK3 pin can be selected as the SCI3’s serial clock, according to the setting of the COM bit in
SMR and the CKE0 and CKE1 bits in SCR3. When an external clock is input at the SCK3 pin, the
clock frequency should be 16 times the bit rate used.
When the SCI3 is operated on an internal clock, the clock can be output from the SCK3 pin. The
frequency of the clock output in this case is equal to the bit rate, and the phase is such that the
rising edge of the clock is in the middle of the transmit data, as shown in figure 13.3.
0
1 character (frame)
D0
D1
D2
D3
D4
D5
D6
D7
0/1
11
Clock
Serial data
Figure 13.3 Relationship between Output Clock and Transfer Data Phase
(Asynchronous Mode)(Example with 8-Bit Data, Parity, Two Stop Bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com