| Electronic Components Datasheet Search |
|
HD64F36024 Datasheet(PDF) 222 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36024 Datasheet(HTML) 222 Page - Renesas Technology Corp |
|
222 / 384 page ![]() Section 13 Serial Communication Interface 3 (SCI3) Rev. 4.00 Sep. 23, 2005 Page 196 of 354 REJ09B0025-0400 13.4.4 Serial Data Reception Figure 13.7 shows an example of operation for reception in asynchronous mode. In serial reception, the SCI3 operates as described below. 1. The SCI3 monitors the communication line. If a start bit is detected, the SCI3 performs internal synchronization, receives receive data in RSR, and checks the parity bit and stop bit. 2. If an overrun error occurs (when reception of the next data is completed while the RDRF flag is still set to 1), the OER bit in SSR is set to 1. If the RIE bit in SCR3 is set to 1 at this time, an ERI interrupt request is generated. Receive data is not transferred to RDR. 3. If a parity error is detected, the PER bit in SSR is set to 1 and receive data is transferred to RDR. If the RIE bit in SCR3 is set to 1 at this time, an ERI interrupt request is generated. 4. If a framing error is detected (when the stop bit is 0), the FER bit in SSR is set to 1 and receive data is transferred to RDR. If the RIE bit in SCR3 is set to 1 at this time, an ERI interrupt request is generated. 5. If reception is completed successfully, the RDRF bit in SSR is set to 1, and receive data is transferred to RDR. If the RIE bit in SCR3 is set to 1 at this time, an RXI interrupt request is generated. Continuous reception is possible because the RXI interrupt routine reads the receive data transferred to RDR before reception of the next receive data has been completed. 1 frame Start bit Start bit Receive data Receive data Parity bit Stop bit Parity bit Stop bit Mark state (idle state) 1 frame 0 1D0 D1 D7 0/1 1 0 1 0D0 D1 D7 0/1 Serial data RDRF FER LSI operation User processing RDRF cleared to 0 RDR data read Framing error processing RXI request 0 stop bit detected ERI request in response to framing error Figure 13.7 Example of SCI3 Reception in Asynchronous Mode (8-Bit Data, Parity, One Stop Bit) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |