Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 224Page - Renesas Technology Corp HD64F36024 Datasheet HTML 225Page - Renesas Technology Corp HD64F36024 Datasheet HTML 226Page - Renesas Technology Corp HD64F36024 Datasheet HTML 227Page - Renesas Technology Corp HD64F36024 Datasheet HTML 228Page - Renesas Technology Corp HD64F36024 Datasheet HTML 229Page - Renesas Technology Corp HD64F36024 Datasheet HTML 230Page - Renesas Technology Corp HD64F36024 Datasheet HTML 231Page - Renesas Technology Corp HD64F36024 Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 202 of 354
REJ09B0025-0400
Serial
clock
Serial
data
Bit 1
Bit 0
Bit 7
Bit 0
1 frame
1 frame
Bit 1
Bit 6
Bit 7
TDRE
TEND
LSI
operation
User
processing
TXI interrupt request generated
Data written
to TDR
TDRE flag
cleared
to 0
TXI interrupt
request
generated
TEI interrupt request
generated
Figure 13.10 Example of SCI3 Transmission in Clocked Synchronous Mode
No
<End>
Yes
Start transmission
Read TDRE flag in SSR
[1]
Write transmit data to TDR
No
Yes
No
Yes
Read TEND flag in SSR
[2]
Clear TE bit in SCR3 to 0
TDRE = 1
All data transmitted?
TEND = 1
[1]
Read SSR and check that the TDRE flag is
set to 1, then write transmit data to TDR.
When data is written to TDR, the TDRE flag
is automatically cleared to 0 and clocks are
output to start the data transmission.
[2]
To continue serial transmission, be sure to
read 1 from the TDRE flag to confirm that
writing is possible, then write data to TDR.
When data is written to TDR, the TDRE flag
is automatically cleared to 0.
Figure 13.11 Sample Serial Transmission Flowchart (Clocked Synchronous Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com