Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 228Page - Renesas Technology Corp HD64F36024 Datasheet HTML 229Page - Renesas Technology Corp HD64F36024 Datasheet HTML 230Page - Renesas Technology Corp HD64F36024 Datasheet HTML 231Page - Renesas Technology Corp HD64F36024 Datasheet HTML 232Page - Renesas Technology Corp HD64F36024 Datasheet HTML 233Page - Renesas Technology Corp HD64F36024 Datasheet HTML 234Page - Renesas Technology Corp HD64F36024 Datasheet HTML 235Page - Renesas Technology Corp HD64F36024 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 206 of 354
REJ09B0025-0400
Yes
<End>
No
Start transmission/reception
[3]
Error processing
[4]
Read receive data in RDR
Yes
No
OER = 1
All data received?
[1]
Read TDRE flag in SSR
No
Yes
TDRE = 1
Write transmit data to TDR
No
Yes
RDRF = 1
Read OER flag in SSR
[2]
Read RDRF flag in SSR
Clear TE and RE bits in SCR to 0
[1]
Read SSR and check that the TDRE
flag is set to 1, then write transmit
data to TDR.
When data is written to TDR, the
TDRE flag is automatically cleared to
0.
[2]
Read SSR and check that the RDRF
flag is set to 1, then read the receive
data in RDR.
When data is read from RDR, the
RDRF flag is automatically cleared to
0.
[3]
To continue serial transmission/
reception, before the MSB (bit 7) of
the current frame is received, finish
reading the RDRF flag, reading RDR.
Also, before the MSB (bit 7) of the
current frame is transmitted, read 1
from the TDRE flag to confirm that
writing is possible. Then write data to
TDR.
When data is written to TDR, the
TDRE flag is automatically cleared to
0. When data is read from RDR, the
RDRF flag is automatically cleared to
0.
[4]
If an overrun error occurs, read the
OER flag in SSR, and after
performing the appropriate error
processing, clear the OER flag to 0.
Transmission/reception cannot be
resumed if the OER flag is set to 1.
For overrun error processing, see
figure 13.13.
Figure 13.14 Sample Flowchart of Simultaneous Serial Transmit and Receive Operations
(Clocked Synchronous Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com