Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 242Page - Renesas Technology Corp HD64F36024 Datasheet HTML 243Page - Renesas Technology Corp HD64F36024 Datasheet HTML 244Page - Renesas Technology Corp HD64F36024 Datasheet HTML 245Page - Renesas Technology Corp HD64F36024 Datasheet HTML 246Page - Renesas Technology Corp HD64F36024 Datasheet HTML 247Page - Renesas Technology Corp HD64F36024 Datasheet HTML 248Page - Renesas Technology Corp HD64F36024 Datasheet HTML 249Page - Renesas Technology Corp HD64F36024 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 384 page
background image
Section 14 A/D Converter
Rev. 4.00 Sep. 23, 2005 Page 220 of 354
REJ09B0025-0400
14.3
Register Description
The A/D converter has the following registers.
• A/D data register A (ADDRA)
• A/D data register B (ADDRB)
• A/D data register C (ADDRC)
• A/D data register D (ADDRD)
• A/D control/status register (ADCSR)
• A/D control register (ADCR)
14.3.1
A/D Data Registers A to D (ADDRA to ADDRD)
There are four 16-bit read-only ADDR registers; ADDRA to ADDRD, used to store the results of
A/D conversion. The ADDR registers, which store a conversion result for each channel, are
shown in table 14.2.
The converted 10-bit data is stored in bits 6 to 15. The lower 6 bits are always read as 0.
The data bus between the CPU and the A/D converter is 8 bits wide. The upper byte can be read
directly from the CPU, however the lower byte should be read via a temporary register. The
temporary register contents are transferred from the ADDR when the upper byte data is read.
Therefore byte access to ADDR should be done by reading the upper byte first then the lower one.
Word access is also possible. ADDR is initialized to H'0000.
Table 14.2
Analog Input Channels and Corresponding ADDR Registers
Analog Input Channel
A/D Data Register to Be Stored Results of A/D Conversion
AN0
ADDRA
AN1
ADDRB
AN2
ADDRC
AN3
ADDRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com