Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 245Page - Renesas Technology Corp HD64F36024 Datasheet HTML 246Page - Renesas Technology Corp HD64F36024 Datasheet HTML 247Page - Renesas Technology Corp HD64F36024 Datasheet HTML 248Page - Renesas Technology Corp HD64F36024 Datasheet HTML 249Page - Renesas Technology Corp HD64F36024 Datasheet HTML 250Page - Renesas Technology Corp HD64F36024 Datasheet HTML 251Page - Renesas Technology Corp HD64F36024 Datasheet HTML 252Page - Renesas Technology Corp HD64F36024 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 384 page
background image
Section 14 A/D Converter
Rev. 4.00 Sep. 23, 2005 Page 223 of 354
REJ09B0025-0400
14.4
Operation
The A/D converter operates by successive approximation with 10-bit resolution. It has two
operating modes; single mode and scan mode. When changing the operating mode or analog input
channel, in order to prevent incorrect operation, first clear the bit ADST to 0 in ADCSR. The
ADST bit can be set at the same time as the operating mode or analog input channel is changed.
14.4.1
Single Mode
In single mode, A/D conversion is performed once for the analog input on the specified single
channel as follows:
1.
A/D conversion is started from the first channel when the ADST bit in ADCSR is set to 1,
according to software or external trigger input.
2.
When A/D conversion is completed, the result is transferred to the corresponding A/D data
register to the channel.
3.
On completion of conversion, the ADF bit in ADCSR is set to 1. If the ADIE bit is set to 1 at
this time, an ADI interrupt request is generated.
4.
The ADST bit remains set to 1 during A/D conversion. When A/D conversion ends, the
ADST bit is automatically cleared to 0 and the A/D converter enters the wait state.
14.4.2
Scan Mode
In scan mode, A/D conversion is performed sequentially for the analog input on the specified
channels (four channels maximum) as follows:
1. When the ADST bit is set to 1 by software, or external trigger input, A/D conversion starts on
the first channel in the group.
2. When A/D conversion for each channel is completed, the result is sequentially transferred to
the A/D data register corresponding to each channel.
3. When conversion of all the selected channels is completed, the ADF flag in ADCSR is set to 1.
If the ADIE bit is set to 1 at this time, an ADI interrupt is requested. Conversion of the first
channel in the group starts again.
4. The ADST bit is not automatically cleared to 0. Steps [2] to [3] are repeated as long as the
ADST bit remains set to 1. When the ADST bit is cleared to 0, A/D conversion stops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com